Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 290Page - Renesas Technology Corp H8S/2426R Datasheet HTML 291Page - Renesas Technology Corp H8S/2426R Datasheet HTML 292Page - Renesas Technology Corp H8S/2426R Datasheet HTML 293Page - Renesas Technology Corp H8S/2426R Datasheet HTML 294Page - Renesas Technology Corp H8S/2426R Datasheet HTML 295Page - Renesas Technology Corp H8S/2426R Datasheet HTML 296Page - Renesas Technology Corp H8S/2426R Datasheet HTML 297Page - Renesas Technology Corp H8S/2426R Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 266 of 1270
REJ09B0466-0100
TRp
SDRAM
φ
Precharge-sel
Address bus
TRr
CAS
Software standby
TRc2
WE
CKE
RAS
NOP
SELF
PALL
φ
Figure 6.69 Self-Refresh Timing
(TPC1 = 1, TPC0 = 0, RCW1 = 0, RCW0 = 0, RLW1 = 0, RLW0 = 0)
In some synchronous DRAMs provided with a self-refresh mode, the interval between clearing
self-refreshing and the next command is specified. A setting can be made in bits TPCS2 to TPCS0
in REFCR to make the precharge time after self-refreshing from 1 to 7 states longer than the
normal precharge time. In this case, too, normal precharging is performed according to the setting
of bits TPC1 and TPC0 in DRACCR, and therefore a setting should be made to give the optimum
post-self-refresh precharge time, including this time. Figure 6.70 shows an example of the timing
when the precharge time after self-refreshing is extended by 2 states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com