Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 323Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 324Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 325Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 326Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 327Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 328Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 329Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 330Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 295 of 1468
REJ09B0412-0200
(2)
RAS Down Mode and RAS Up Mode
Even if the fast-page mode is selected, the DRAM space is not consecutively accessed and other
spaces may be accessed. The
RAS signal can be held low during other space accesses. The fast-
page mode access can be resumed (burst access) when the same row address in the DRAM space
is accessed.
(a)
RAS Down Mode
Set the RCDM and BE bits in DRAMCR to 1 to make a transition to the RAS down mode.
The RCDM bit is enabled only when the BE bit is set to 1.
The fast-page mode access (burst access) is resumed when the row addresses of the current cycle
and previous cycle are the same. While other spaces are accessed when the DRAM space access is
halted, the
RAS signal must be low. Figure 9.50 shows a timing example of RAS down mode.
The
RAS signal goes high under the following conditions.
• When a refresh cycle is performed during RAS down mode
• When a self-refresh is performed
• When a transition to software standby mode is made
• When the external bus requested by the BREQ signal is released
• When either the RCDM or BE bit is cleared to 0
If a transition to the all-module clock-stop mode is made during RAS down mode, clocks are
stopped with the
RAS signal driven low. To make a transition with the RAS signal driven high,
clear the RCDM bit to 0 before execution of the SLEEP instruction.
Clear the RCDM bit to 0 for write access to SCKCR to set the clock frequencies. For SCKCR, see
section 27, Clock Pulse Generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com