Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 58Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 59Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 60Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 61Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 62Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 63Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 64Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 65Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 1504 page
background image
Section 1 Overview
Rev. 2.00 Sep. 24, 2008 Page 30 of 1468
REJ09B0412-0200
Classification
Pin Name
I/O
Description
AV
CC
Input
Analog power supply pin for the A/D and D/A converters.
When the A/D and D/A converters are not in use, connect
this pin to the system power supply.
AV
SS
Input
Ground pin for the A/D and D/A converters. Connect this pin
to the system power supply (0 V).
A/D converter,
D/A converter
Vref
Input
Reference power supply pin for the A/D and D/A converters.
When the A/D and D/A converters are not in use, connect
this pin to the system power supply.
P17 to P10
Input/
output
8-bit input/output pins.
P27 to P20
Input/
output
8-bit input/output pins.
P37 to P30
Input/
output
8-bit input/output pins.
P57 to P50
Input
8-bit input-only pins.
P65 to P60
Input/
output
6-bit input/output pins.
PA7
Input
Input-only pin.
PA6 to PA0
Input/
output
7-bit input/output pins.
PB7 to PB0
Input/
output
8-bit input/output pins.
PC3 to PC2
Input/
output
2-bit input/output pins.
PD7 to PD0
Input/
output
8-bit input/output pins.
PE7 to PE0
Input/
output
8-bit input/output pins.
PF7 to PF0
Input/
output
8-bit input/output pins.
PH7 to PH0
Input/
output
8-bit input/output pins.
PI7 to PI0
Input/
output
8-bit input/output pins.
I/O ports
PM4 to PM0
Input/
output
5-bit input/output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com