Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 41Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 42Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 43Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 44Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 45Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 46Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 47Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 48Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 1504 page
background image
Section 1 Overview
Rev. 2.00 Sep. 24, 2008 Page 13 of 1468
REJ09B0412-0200
1.4
Pin Assignments
1.4.1
Pin Assignments
LQFP-144
(Top View)
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89
PH6/D6
PH5/D5
PH4/D4
Vss
PH3/D3
PH2/D2
PH1/D1
PH0/D0
Vcc
P34/PO12/TIOCA1/
TEND1-B/ETEND3
P33/PO11/TIOCC0/TIOCD0/TCLKB-A/
DREQ1-B/EDREQ3
NMI
P27/PO7/TIOCA5/TIOCB5
P26/PO6/TIOCA5/TMO1/TxD1
P32/PO10/TIOCC0/TCLKA-A/
DACK0-B/EDACK2
P31/PO9/TIOCA0/TIOCB0/
TEND0-B/ETEND2
P30/PO8/TIOCA0/
DREQ0-B/EDREQ2
P25/PO5/TIOCA4/TMCI1/RxD1
P24/PO4/TIOCA4/TIOCB4/TMRI1/SCK1
P23/PO3/TIOCC3/TIOCD3/
IRQ11-A
P22/PO2/TIOCC3/TMO0/TxD0/
IRQ10-A
P21/PO1/TIOCA3/TMCI0/RxD0/
IRQ9-A
Vcc
P20/PO0/TIOCA3/TIOCB3/TMRI0/SCK0/
IRQ8-A
Vss
MD_CLK
VBUS
DrVss
USD-
USD+
DrVcc
PM4
PM3
EMLE
PD0/A0
PD1/A1
PJ0/PO16/TIOCA6
PJ1/PO17/TIOCA6/TIOCB6
P62/TMO2/SCK4/
DACK2/IRQ10-B/TRST/EDACK0-B
PLLVcc
P63/TMRI3/
DREQ3/IRQ11-B/TMS/EDREQ1-B
PLLVss
P64/TMCI3/
TEND3/TDI/ETEND1-B
P65/TMO3/
DACK3/TCK/EDACK1-B
MD0
PC2/
LUCAS/DQMLU
PC3/
LLCAS/DQMLL
P50/AN0/
IRQ0-B
P51/AN1/
IRQ1-B
P52/AN2/
IRQ2-B
AVcc
P53/AN3/
IRQ3-B
AVss
P54/AN4/
IRQ4-B
Vref
P55/AN5/
IRQ5-B
P56/AN6/DA0/
IRQ6-B
P57/AN7/DA1/
IRQ7-B
MD1
PB4/
CS4-B/WE
PB5/
CS5-D/OE/CKE
PB6/
CS6-D/(RD/WR-B)/ADTRG0-B
MD3
PA0/
BREQO/BS-A
PA1/
BACK/(RD/WR-A)
PA2/
BREQ/WAIT
PA3/
LLWR/LLB
PA4/
LHWR/LUB
PA5/
RD
PA6/
AS/AH/BS-B
Vss
PA7/B
φ
Vcc
PB0/
CS0/CS4-A/CS5-B
88 87 86 85 84
12345678
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
83 82 81 80 79 78 77 76 75 74 73
*1
*1
*2
Notes:
1.
In single-chip mode prots D and E can be used (initial state). Pin functions are selectable by
setting the PCJKE bit in PFCRD. Ports D and E are enabled when PCJKE = 0 (initial value)
and ports J and K are enabled when PCJKE = 1. In external extended mode, only ports D
and E can be used.
2.
This pin is an on-chip emulator enable pin. Drive this pin low for the connection in normal
operating mode.
The on-chip emulator function is enabled by driving this pin high. When the on-chip emulator
is in use, the P62, P63, P64, P65, and WDTOVF pins are dedicated pins for the on-chip emulator.
For details on a connection example with the E10A, see E10A Emulator User's Manual.
Figure 1.3 Pin Assignments (LQFP-144)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com