Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 51Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 52Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 53Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 54Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 55Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 56Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 57Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 58Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 1504 page
background image
Section 1 Overview
Rev. 2.00 Sep. 24, 2008 Page 23 of 1468
REJ09B0412-0200
1.4.3
Pin Functions
Table 1.5
Pin Functions
Classification
Pin Name
I/O
Description
V
CC
Input
Power supply pins. Connect them to the system power supply.
V
CL
Input
Connect this pin to V
SS via a 0.1-µF capacitor (The capacitor should
be placed close to the pin).
V
SS
Input
Ground pins. Connect them to the system power supply (0 V).
PLLV
CC
Input
Power supply pin for the PLL circuit. Connect them to the system
power supply.
PLLV
SS
Input
Ground pin for the PLL circuit.
DrV
CC
Input
Power supply pin for the on-chip USB transceiver. Connect this pin
to the system power supply.
Power supply
DrV
SS
Input
Ground pin for the on-chip USB transceiver.
XTAL
Input
EXTAL
Input
Pins for a crystal resonator. An external clock signal can be input
through the EXTAL pin. For an example of this connection, see
section 27, Clock Pulse Generator.
OSC1
Input
The 32.768 KH crystal resonator is connected to this pin.
OSC2
Input
The 32.768 KH crystal resonator is connected to this pin.
B
φ
Output
Outputs the system clock for external devices.
Clock
SDRAM
φ
Output
When connecting the synchronous DRAM, connect it to the CLK pin
of synchronous DRAM. For details, see section 9, Bus Controller
(BSC).
MD3 to MD0 Input
Pins for setting the operating mode. The signal levels on these pins
must not be changed during operation.
Operating mode
control
MD_CLK
Input
This pin changes the multiplication ratio of the clock oscillator. Do
not change values on this pin during operation.
RES
Input
Reset signal input pin. This LSI enters the reset state when this
signal goes low.
STBY
Input
This LSI enters hardware standby mode when this signal goes low.
System control
EMLE
Input
Input pin for the on-chip emulator enable signal. The signal level
should normally be fixed low.
TRST
Input
TMS
Input
TDI
Input
TCK
Input
On-chip
emulator
TDO
Output
On-chip emulator pins or boundary scan pins. When the EMLE pin is
driven high, these pins are dedicated for the on-chip emulator. When
the EMLE pin is driven low and to mode 3, these pins are dedicated
for the boundary scan mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com