Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 40Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 41Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 42Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 43Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 44Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 45Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 46Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 47Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 1504 page
background image
Section 1 Overview
Rev. 2.00 Sep. 24, 2008 Page 12 of 1468
REJ09B0412-0200
1.3
Block Diagram
External bus
[Legend]
CPU:
DTC:
BSC:
DMAC:
EXDMAC:
TM32K:
WDT:
Central processing unit
Data transfer controller
Bus controller
DMA controller
EXDMA controller
32K timer
Watchdog timer
8-bit timer
16-bit timer pulse unit
Programmable pulse generator
Serial communications interface
Universal serial bus interface
IIC bus interface 2
Power-on reset / Low voltage detection circuit
TMR:
TPU:
PPG:
SCI:
USB:
IIC2:
POR/LVD*2:
Interrupt
controller
H8SX
CPU
RAM
ROM
DTC
Main clock
oscillator
Subclock
oscillator
POR/LVD*2
BSC
DMAC
×
4 channels
EXDMAC
×
4 channels
TMR
× 2 channels
(unit 1)
TMR
× 2 channels
(unit 0)
TMR
× 2 channels
(unit 3)
TMR
× 2 channels
(unit 2)
TM32K
WDT
TPU
× 6 channels
(unit 0)
TPU
× 6 channels
(unit 1)
PPG
× 16 channels
(unit 0)
PPG
× 16 channels
(unit 1)
10-bit AD
× 4
channels (unit 0)
10-bit AD
× 4
channels (unit 1)
SCI
× 6 channels
IIC2
× 2 channels
Port 1
Port 2
Port M
Port 6
Port A
Port B
Port C
Port D/
port J*1
Port E/
port K*1
Port F
Port H
Port I
8-bit DA
×
2 channels
Port 5
Port 3
USB
Note:
1.
In single-chip mode, the port D and port E functions can be used in the initial state.
Pin functions are selectable by setting the PCJKE bit in PFCRD.
Ports D and E are enabled when PCJKE=0 (initial value) and ports J and K are enabled
when PCJKE=1.
In external extended mode, only ports D and E can be used.
2.
Supported only by the H8SX/1668MGroup.
Figure 1.2 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com