Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 29Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 30Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 31Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 32Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 33Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 34Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 35Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 36Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 1504 page
background image
Section 1 Overview
Rev. 2.00 Sep. 24, 2008 Page 1 of 1468
REJ09B0412-0200
Section 1 Overview
1.1
Features
The core of each product in the H8SX/1668R Group and H8SX/1668M Group of CISC (complex
instruction set computer) microcontrollers is an H8SX CPU, which has an internal 32-bit
architecture. The H8SX CPU provides upward-compatibility with the CPUs of other Renesas
Technology-original microcontrollers; H8/300, H8/300H, and H8S.
As peripheral functions, each LSI of the Group includes a DMA controller and an EXDMA
controller which enable high-speed data transfer, and a bus-state controller, which enables direct
connection to different kinds of memory. The LSI of the Group also includes serial
communications interfaces, A/D and D/A converters, and a multi-function timer that makes motor
control easy. Together, the modules realize low-cost configurations for end systems. The power
consumption of these modules is kept down dynamically by an on-chip power-management
function. The on-chip ROM is a flash memory (F-ZTAT
TM*) with a capacity of 1024 Kbytes
(H8SX/1668R, H8SX/1668M), 512 Kbytes (H8SX/1664R, H8SX/1664M), or 384 Kbytes
(H8SX/1663R, H8SX/1663M).
Note: * F-ZTAT
TM is a trademark of Renesas Technology Corp.
1.1.1
Applications
Examples of the applications of this LSI include PC peripheral equipment, optical storage devices,
office automation equipment, and industrial equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com