Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 62Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 63Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 64Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 65Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 66Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 67Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 68Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 69Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 1504 page
background image
Section 2 CPU
Rev. 2.00 Sep. 24, 2008 Page 34 of 1468
REJ09B0412-0200
• Two base registers
 Vector base register
 Short address base register
• 4-Gbyte address space
 Program: 4 Gbytes
 Data:
4 Gbytes
• High-speed operation
 All frequently-used instructions executed in one or two states
 8/16/32-bit register-register add/subtract: 1 state
 8 × 8-bit register-register multiply:
1 state (When the multiplier is available.)
 16 ÷ 8-bit register-register divide:
10 states (When the multiplier is available.)
 16 × 16-bit register-register multiply:
1 state (When the multiplier is available.)
 32 ÷ 16-bit register-register divide:
18 states (When the multiplier is available.)
 32 × 32-bit register-register multiply:
5 states (When the multiplier is available.)
 32 ÷ 32-bit register-register divide:
18 states (When the multiplier is available.)
• Four CPU operating modes
 Normal mode
 Middle mode
 Advanced mode
 Maximum mode
• Power-down modes
 Transition is made by execution of SLEEP instruction
 Choice of CPU operating clocks
Notes: 1. Advanced mode is only supported as the CPU operating mode of the H8SX/1668R
Group and H8SX/1668M Group.
Group. Normal, middle, and maximum modes are not supported.
2. The multiplier and divider are supported by the H8SX/1668R Group and H8SX/1668M
Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com