Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 61Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 62Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 63Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 64Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 65Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 66Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 67Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 68Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 1504 page
background image
Section 2 CPU
Rev. 2.00 Sep. 24, 2008 Page 33 of 1468
REJ09B0412-0200
Section 2 CPU
The H8SX CPU is a high-speed CPU with an internal 32-bit architecture that is upward
compatible with the H8/300, H8/300H, and H8S CPUs.
The H8SX CPU has sixteen 16-bit general registers, can handle a 4-Gbyte linear address space,
and is ideal for a realtime control system.
2.1
Features
• Upward-compatible with H8/300, H8/300H, and H8S CPUs
 Can execute object programs of these CPUs
• Sixteen 16-bit general registers
 Also usable as sixteen 8-bit registers or eight 32-bit registers
• 87 basic instructions
 8/16/32-bit arithmetic and logic instructions
 Multiply and divide instructions
 Bit field transfer instructions
 Powerful bit-manipulation instructions
 Bit condition branch instructions
 Multiply-and-accumulate instruction
• Eleven addressing modes
 Register direct [Rn]
 Register indirect [@ERn]
 Register indirect with displacement [@(d:2,ERn), @(d:16,ERn), or @(d:32,ERn)]
 Index register indirect with displacement [@(d:16,RnL.B), @(d:32,RnL.B),
@(d:16,Rn.W), @(d:32,Rn.W), @(d:16,ERn.L), or @(d:32,ERn.L)]
 Register indirect with pre-/post-increment or pre-/post-decrement [@+ERn, @−ERn,
@ERn
+, or @ERn−]
 Absolute address [@aa:8, @aa:16, @aa:24, or @aa:32]
 Immediate [#xx:3, #xx:4, #xx:8, #xx:16, or #xx:32]
 Program-counter relative [@(d:8,PC) or @(d:16,PC)]
 Program-counter relative with index register [@(RnL.B,PC), @(Rn.W,PC), or
@(ERn.L,PC)]
 Memory indirect [@@aa:8]
 Extended memory indirect [@@vec:7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com