Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 364Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 365Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 366Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 367Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 368Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 369Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 370Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 371Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 336 of 1468
REJ09B0412-0200
Figure 9.82 shows the timing of setting SDRAM mode register.
T
p
T
r
T
c1
CS
RAS
CAS
WE
CKE
High
Mode register setting
Mode register setting
BS
High
RD/
WR
High
PALL
NOP
MRS
NOP
T
c2
Precharge-sel
Address bus
SDRAM
φ
Figure 9.82 Timing of Setting SDRAM Mode Register
9.11.15
SDRAM Interface and Single Address Transfer by DMAC and EXDMAC
When fast-page mode (BE = 1) is set for the SDRAM space, either fast-page access or full access
can be selected, by the setting of bits DDS and EDDS in DRAMCR, for the single address transfer
by the DMAC or EXDMAC where the SDRAM space is specified as the transfer source or
destination. At the same time, the output timing of the
DACK and EDACK and BS signals can be
changed. When BE
= 0, a full access to the SDRAM space is performed with a single address
transfer regardless of the setting of bits DDS and EDDS. However, the output timing of the
DACK, EDACK and BS signals can be changed by the setting of bits DDS and EDDS.
The assertion timing of the
DACK and EDACK signals can be changed by the bits DKC and
EDKC in BCR1.
The output timing of the
DACK and EDACK signals can be independently set by the bits TRWL
and CKSPE in SDCR and bit DKC and EDKC in BCR1 regardless of the setting of bits DDS and
EDDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com