Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 397 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 397 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 393Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 394Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 395Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 396Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 397Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 398Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 399Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 400Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 401Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 365 of 1468
REJ09B0412-0200
9.15
Write Data Buffer Function
9.15.1
Write Data Buffer Function for External Data Bus
This LSI has a write data buffer function for the external data bus. Using the write data buffer
function enables internal accesses in parallel with external writes or DMAC single address
transfers. The write data buffer function is made available by setting the WDBE bit to 1 in BCR1.
Figure 9.104 shows an example of the timing when the write data buffer function is used. When
this function is used, if an external address space write or a DMAC single address transfer
continues for two cycles or longer, and there is an internal access next, an external write only is
executed in the first two cycles. However, from the next cycle onward, internal accesses (on-chip
memory or internal I/O register read/write) and the external address space write rather than
waiting until it ends are executed in parallel.
On-chip memory read
Peripheral module read
Peripheral module address
External write cycle
On-chip
memory 2
On-chip
memory 1
External address
Internal
address bus
B
φ
Address bus
CSn
LHWR, LLWR
D15 to D0
Write to
external
space
T
1
T
2
T
3
I
φ
Figure 9.104 Example of Timing when Write Data Buffer Function is Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com