Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 409 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 405Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 406Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 407Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 408Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 409Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 410Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 411Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 412Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 377 of 1468
REJ09B0412-0200
A block diagram of the DMAC is shown in figure 10.1.
External pins
DREQn
DACKn
TENDn
Interrupt signals
requested to the
CPU by each
channel
Internal activation sources
Internal activation
source detector
Controller
DMDR_n
DMRSR_n
DACR_n
DOFR_n
Internal address bus
Internal data bus
DSAR_n
DDAR_n
DTCR_n
DBSR_n
Module data bus
Address buffer
Data buffer
Operation unit
Operation unit
...
[Legend]
DSAR_n:
DMA source address register
DREQn: DMA transfer request
DDAR_n:
DMA destination address register
DACKn: DMA transfer acknowledge
DOFR_n:
DMA offset register
TENDn: DMA transfer end
DTCR_n:
DMA transfer count register
n = 0 to 3
DBSR_n:
DMA block size register
DMDR_n:
DMA mode control register
DACR_n:
DMA address control register
DMRSR_n:
DMA module request select register
Figure 10.1 Block Diagram of DMAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com