Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 423 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 419Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 420Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 421Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 422Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 423Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 424Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 425Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 426Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 391 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
11
TSEIE
0
R/W
Transfer Size Error Interrupt Enable
Enables/disables a transfer size error interrupt.
When the next transfer is requested while this bit is set
to 1 and the contents of the transfer counter is less than
the size of data to be transferred at a single transfer
request, the DTE bit is cleared to 0. At this time, the
ESIF bit is set to 1 to indicate that a transfer size error
interrupt has been requested.
The sources of a transfer size error are as follows:
• In normal or repeat transfer mode, the total transfer
size set in DTCR is less than the data access size
• In block transfer mode, the total transfer size set in
DTCR is less than the block size
0: Disables a transfer size error interrupt request
1: Enables a transfer size error interrupt request
10
0
R
Reserved
This bit is always read as 0 and cannot be modified.
9
ESIE
0
R/W
Transfer Escape Interrupt Enable
Enables/disables a transfer escape end interrupt
request. When the ESIF bit is set to 1 with this bit set to
1, a transfer escape end interrupt is requested to the
CPU or DTC. The transfer end interrupt request is
cleared by clearing this bit or the ESIF bit to 0.
0: Disables a transfer escape end interrupt
1: Enables a transfer escape end interrupt
8
DTIE
0
R/W
Data Transfer End Interrupt Enable
Enables/disables a transfer end interrupt request by the
transfer counter. When the DTIF bit is set to 1 with this
bit set to 1, a transfer end interrupt is requested to the
CPU or DTC. The transfer end interrupt request is
cleared by clearing this bit or the DTIF bit to 0.
0: Disables a transfer end interrupt
1: Enables a transfer end interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com