Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 428 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 428 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 424Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 425Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 426Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 427Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 428Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 429Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 430Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 431Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 432Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 396 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
19, 18
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.
17
16
DAT1
DAT0
0
0
R/W
R/W
Destination Address Update Mode 1 and 0
Select the update method of the destination address
(DDAR). When DDAR is not specified as the transfer
destination in single address mode, this bit is ignored.
00: Destination address is fixed
01: Destination address is updated by adding the offset
10: Destination address is updated by adding 1, 2, or 4
according to the data access size
11: Destination address is updated by subtracting 1, 2,
or 4 according to the data access size
15
SARIE
0
R/W
Interrupt Enable for Source Address Extended Area
Overflow
Enables/disables an interrupt request for an extended
area overflow on the source address.
When an extended repeat area overflow on the source
address occurs while this bit is set to 1, the DTE bit in
DMDR is cleared to 0. At this time, the ESIF bit in
DMDR is set to 1 to indicate an interrupt by an extended
repeat area overflow on the source address is
requested.
When block transfer mode is used with the extended
repeat area function, an interrupt is requested after
completion of a 1-block size transfer. When setting the
DTE bit in DMDR of the channel for which a transfer has
been stopped to 1, the transfer is resumed from the
state when the transfer is stopped.
When the extended repeat area is not specified, this bit
is ignored.
0: Disables an interrupt request for an extended area
overflow on the source address
1: Enables an interrupt request for an extended area
overflow on the source address
14, 13
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com