Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 500 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 496Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 497Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 498Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 499Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 500Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 501Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 502Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 503Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 468 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
value
R/W
Description
23
ACT
0
R
Active State
Indicates the operation state of the corresponding
channel.
0: Transfer request wait state or transfer disabled state
(DTE = 0)
1: Active state
22 to 20
All 0
R
Reserved
They are always read as 0 and cannot be modified.
19
ERRF
0
R/(W)*
System Error Flag
Flag that indicates the occurrence of an address error
or NMI interrupt. This bit is only enabled in EDMDR_0.
When this bit is set to 1, write to the DTE bit for all
channels is disabled. This bit is reserved in EDMDR_1
to EDMDR_3. They are always read as 0 and cannot
be modified.
0: Address error or NMI interrupt is not generated
1: Address error or NMI interrupt is generated
[Clearing condition]
• Writing 0 to ERRF after reading ERRF = 1
[Setting condition]
• When an address error or NMI interrupt occurred
However, when an address error or an NMI interrupt
has been generated in EXDMAC module stop mode,
this bit is not set to 1.
18
0
R
Reserved
They are always read as 0 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com