Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 533 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 533 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 529Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 530Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 531Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 532Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 533Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 534Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 535Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 536Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 501 of 1468
REJ09B0412-0200
When EDDAR is read during a transfer operation, a longword access must be used. During a
transfer operation, EDDAR may be updated without regard to accesses from the CPU, and the
correct values may not be read if the upper and lower words are read separately. Do not write to
EDDAR for a channel on which a transfer operation is in progress.
(3)
EXDMA Transfer Count Register (EDTCR)
When an EXDMA transfer is performed, the value in EDTCR is decremented by the number of
bytes transferred. When a byte is transferred, the value is decremented by 1; when a word is
transferred, the value is decremented by 2; when a longword is transferred, the value is
decremented by 4. However, when the EDTCR value is 0, transfers are not counted and the
EDTCR value does not change.
All of the bits of EDTCR may change, so when EDTCR is read by the CPU during EXDMA
transfer, a longword access must be used. During a transfer operation, EDTCR may be updated
without regard to accesses from the CPU, and the correct values may not be read if the upper and
lower words are read separately. Do not write to EDTCR for a channel on which a transfer
operation is in progress.
If there is conflict between an address update associated with EXDMA transfer and a write by the
CPU, the CPU write has priority.
In the event of conflict between an EDTCR update from 1, 2, or 4 to 0 and a write (of a nonzero
value) by the CPU, the CPU write value has priority as the EDTCR value, but transfer is
terminated.
(4)
EXDMA Block Size Register (EDBSR)
EDBSR is valid in block transfer or repeat transfer mode. EDBSR31 and EDBSR16 are used as
BKSZH and EDBSR15 and EDBSR0 for BKSZ. The 16 bits of BKSZH holds a block size and
repeat size and their values do not change. The 16 bits of BKSZ functions as a block size or repeat
size counter, the value of which is decremented by 1 when one data transfer is performed. When
the BKSZ value is determined as 0 during EXDMA transfer, the EXDMAC does not store 0 in
BKSZ and stores the BKSZH value.
The upper 16 bits of EDBSR is never updated, allowing a word-size access.
Do not write to EDBSR for a channel on which a transfer operation is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com