Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 540 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 540 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 536Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 537Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 538Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 539Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 540Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 541Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 542Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 543Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 544Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 508 of 1468
REJ09B0412-0200
(2)
Normal Transfer Mode (Burst Mode)
In burst mode, one-byte, one-word, or one-longword transfer is executed continuously until the
transfer end condition is satisfied.
Once burst transfer starts, requests from other channels, even of higher priority, are held pending
until burst transfer ends.
Figure 11.27 shows an example of transfer when
ETEND output is enabled, and word-size, normal
transfer mode (burst mode) is performed from external 16-bit, 2-state access space to external 16-
bit, 2-state access space.
EXDMA write
Address bus
EXDMA write
EXDMA read
B
φ
RD
LHWR, LLWR
ETEND
Bus
release
Bus
release
Last transfer cycle
Burst transfer
EXDMA read
EXDMA read
EXDMA write
Figure 11.27 Example of Normal Transfer Mode (Burst Mode) Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com