Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 625 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 625 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 621Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 622Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 623Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 624Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 625Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 626Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 627Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 628Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 629Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 625 / 1504 page
background image
Section 12 Data Transfer Controller (DTC)
Rev. 2.00 Sep. 24, 2008 Page 593 of 1468
REJ09B0412-0200
12.9.5
Chain Transfer
When chain transfer is used, clearing of the activation source or DTCER is performed when the
last of the chain of data transfers is executed. At this time, SCI and A/D converter
interrupt/activation sources, are cleared when the DTC reads or writes to the relevant register.
Therefore, when the DTC is activated by an interrupt or activation source, if a read/write of the
relevant register is not included in the last chained data transfer, the interrupt or activation source
will be retained.
12.9.6
Transfer Information Start Address, Source Address, and Destination Address
The transfer information start address to be specified in the vector table should be address 4n. If an
address other than address 4n is specified, the lower 2 bits of the address are regarded as 0s.
The source and destination addresses specified in SAR and DAR, respectively, will be transferred
in the divided bus cycles depending on the address and data size.
12.9.7
Transfer Information Modification
When IBCCS = 1 and the DMAC is used, clear the IBCCS bit to 0 and then set to 1 again before
modifying the DTC transfer information in the CPU exception handling routine initiated by a DTC
transfer end interrupt.
12.9.8
Endian Format
The DTC supports big and little endian formats. The endian formats used when transfer
information is written to and when transfer information is read from by the DTC must be the
same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com