Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 634 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 634 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 630Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 631Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 632Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 633Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 634Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 635Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 636Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 637Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 638Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 634 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 602 of 1468
REJ09B0412-0200
Function
Port
Description
Bit
I/O
Input
Output
Schmitt
-Trigger
Input*
1
Input
Pull-up
MOS
Function
Open-
Drain
Output
Function
7
PK7/TIOCB11
TIOCA11
PO31
6
PK6/TIOCA11
PO30
5
PK5/TIOCB10
TIOCA10
PO29
4
PK4/TIOCA10
PO28
3
PK3/TIOCD9
TIOCC9
PO27
2
PK2/TIOCC9
PO26
1
PK1/TIOCB9
TIOCA9
PO25
Port K*
4
General I/O
port also
functioning as
PPG and TPU
I/O
0
PK0/TIOCA9
PO24
All input
function
O
7
6
5
4
PM4
3
PM3
2
PM2
1
PM1
RxD6
Port M
General I/O
port also
functioning as
SCI I/Os
0
PM0
TxD6
Notes: 1. Pins without Schmitt-trigger input have CMOS input functions.
2. Addresses are also output when accessing to the address/data multiplexed I/O space.
3. Pins are disabled when PCJKE = 1.
4. Pins are disabled when PCJKE = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com