Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 717 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 717 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 713Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 714Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 715Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 716Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 717Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 718Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 719Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 720Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 721Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 717 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 685 of 1468
REJ09B0412-0200
Item
Channel 0 Channel 1 Channel 2 Channel 3 Channel 4 Channel 5
DMAC activation
TGRA_0
compare
match or
input
capture
TGRA_1
compare
match or
input
capture
TGRA_2
compare
match or
input
capture
TGRA_3
compare
match or
input
capture
TGRA_4
compare
match or
input
capture
TGRA_5
compare
match or
input
capture
A/D conversion start
trigger
TGRA_0
compare
match or
input
capture
TGRA_1
compare
match or
input
capture
TGRA_2
compare
match or
input
capture
TGRA_3
compare
match or
input
capture
TGRA_4
compare
match or
input
capture
TGRA_5
compare
match or
input
capture
PPG trigger
TGRA_0/
TGRB_0
compare
match or
input
capture
TGRA_1/
TGRB_1
compare
match or
input
capture
TGRA_2/
TGRB_2
compare
match or
input
capture
TGRA_3/
TGRB_3
compare
match or
input
capture
Interrupt sources
5 sources
Compare
match or
input
capture 0A
Compare
match or
input
capture 0B
Compare
match or
input
capture 0C
Compare
match or
input
capture 0D
Overflow
4 sources
Compare
match or
input
capture 1A
Compare
match or
input
capture 1B
Overflow
Underflow
4 sources
Compare
match or
input
capture 2A
Compare
match or
input
capture 2B
Overflow
Underflow
5 sources
Compare
match or
input
capture 3A
Compare
match or
input
capture 3B
Compare
match or
input
capture 3C
Compare
match or
input
capture 3D
Overflow
4 sources
Compare
match or
input
capture 4A
Compare
match or
input
capture 4B
Overflow
Underflow
4 sources
Compare
match or
input
capture 5A
Compare
match or
input
capture 5B
Overflow
Underflow
[Legend]
O:
Possible
: Not possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com