Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 755 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 755 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 751Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 752Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 753Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 754Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 755Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 756Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 757Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 758Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 759Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 755 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 723 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
value
R/W
Description
3
TGIED
0
R/W
TGR Interrupt Enable D
Enables/disables interrupt requests (TGID) by the TGFD bit
when the TGFD bit in TSR is set to 1 in channels 0 and 3.
In channels 1, 2, 4, and 5, bit 3 is reserved. It is always read as
0 and cannot be modified.
0: Interrupt requests (TGID) by TGFD bit disabled
1: Interrupt requests (TGID) by TGFD bit enabled
2
TGIEC
0
R/W
TGR Interrupt Enable C
Enables/disables interrupt requests (TGIC) by the TGFC bit
when the TGFC bit in TSR is set to 1 in channels 0 and 3.
In channels 1, 2, 4, and 5, bit 2 is reserved. It is always read as
0 and cannot be modified.
0: Interrupt requests (TGIC) by TGFC bit disabled
1: Interrupt requests (TGIC) by TGFC bit enabled
1
TGIEB
0
R/W
TGR Interrupt Enable B
Enables/disables interrupt requests (TGIB) by the TGFB bit
when the TGFB bit in TSR is set to 1.
0: Interrupt requests (TGIB) by TGFB bit disabled
1: Interrupt requests (TGIB) by TGFB bit enabled
0
TGIEA
0
R/W
TGR Interrupt Enable A
Enables/disables interrupt requests (TGIA) by the TGFA bit
when the TGFA bit in TSR is set to 1.
0: Interrupt requests (TGIA) by TGFA bit disabled
1: Interrupt requests (TGIA) by TGFA bit enabled
Note:
*
The bit 7 in TIER of unit 1 is a reserved bit. This bit is always read as 0 and the initial
value should not be changed.
14.3.5
Timer Status Register (TSR)
TSR indicates the status of each channel. The TPU has six TSR registers, one for each channel.
Bit
Bit Name
Initial Value
R/W
7
TCFD
1
R
6
1
5
TCFU
0
R/(W)*
4
TCFV
0
R/(W)*
3
TGFD
0
R/(W)*
2
TGFC
0
R/(W)*
1
TGFB
0
R/(W)*
0
TGFA
0
R/(W)*
Note: * Only 0 can be written to bits 5 to 0, to clear flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com