Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 790 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 790 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 786Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 787Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 788Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 789Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 790Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 791Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 792Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 793Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 794Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 790 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 758 of 1468
REJ09B0412-0200
14.6
DTC Activation
The DTC can be activated by the TGR input capture/compare match interrupt for a channel. For
details, see section 12, Data Transfer Controller (DTC).
A total of 16 TPU input capture/compare match interrupts can be used as DTC activation sources,
four each for channels 0 and 3, and two each for channels 1, 2, 4, and 5.
14.7
DMAC Activation
The DMAC can be activated by the TGRA input capture/compare match interrupt for a channel.
For details, see section 10, DMA Controller (DMAC).
In TPU, one in each channel, totally six TGRA input capture/compare match interrupts can be
used as DMAC activation sources.
14.8
A/D Converter Activation
Concerning the unit 0 in TPU, the TGRA input capture/compare match for each channel can
activate the A/D converter. (However, the A/D converter cannot be activated in unit 1.)
If the TTGE bit in TIER is set to 1 when the TGFA flag in TSR is set to 1 by the occurrence of a
TGRA input capture/compare match on a particular channel, a request to start A/D conversion is
sent to the A/D converter. If the TPU conversion start trigger has been selected on the A/D
converter side at this time, A/D conversion is started.
In the TPU, a total of six TGRA input capture/compare match interrupts can be used as A/D
converter conversion start sources, one for each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com