Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 806 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 806 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 802Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 803Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 804Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 805Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 806Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 807Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 808Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 809Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 810Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 806 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 774 of 1468
REJ09B0412-0200
14.10.13 Multiplexing of I/O Pins
In this LSI, the TCLKA input pin is multiplexed with the TIOCC0 I/O pin, the TCLKB input pin
with the TIOCD0 I/O pin, the TCLKC input pin with the TIOCB1 I/O pin, and the TCLKD input
pin with the TIOCB2 I/O pin. When an external clock is input, compare match output should not
be performed from a multiplexed pin.
14.10.14 PPG1 Setting when TPU1 Pin is Used
When the TPU1 pin is used, the NDER bit of the PPG1 pin multiplexed with the TPU1 pin should
be cleared to halt the output. For details, see section 13, I/O Ports.
14.10.15 Interrupts in the Module Stop State
If module stop state is entered when an interrupt has been requested, it will not be possible to clear
the CPU interrupt source, or the DTC or DMAC activation sources. Interrupts should therefore be
disabled before entering module stop state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com