Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 867 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 867 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 863Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 864Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 865Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 866Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 867Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 868Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 869Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 870Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 871Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 867 / 1504 page
background image
Section 16 8-Bit Timers (TMR)
Rev. 2.00 Sep. 24, 2008 Page 835 of 1468
REJ09B0412-0200
16.5.4
Timing of Counter Clear by Compare Match
TCNT is cleared when compare match A or B occurs, depending on the settings of the bits
CCLR1 and CCLR0 in TCR. Figure 16.11 shows the timing of this operation.
P
φ
N
H'00
Compare match
signal
TCNT
Figure 16.11 Timing of Counter Clear by Compare Match
16.5.5
Timing of TCNT External Reset*
TCNT is cleared at the rising edge or high level of an external reset input, depending on the
settings of bits CCLR1 and CCLR0 in TCR. The clear pulse width must be at least 2 states. Figure
16.12 and Figure 16.13 shows the timing of this operation.
Note: * Clearing by an external reset is available only in units 0 and 1.
P
φ
Clear signal
External reset
input pin
TCNT
N
H'00
N – 1
Figure 16.12 Timing of Clearance by External Reset (Rising Edge)
P
φ
Clear signal
External reset
input pin
TCNT
N
H'00
N – 1
Figure 16.13 Timing of Clearance by External Reset (High Level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com