Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 971 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 971 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 967Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 968Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 969Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 970Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 971Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 972Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 973Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 974Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 975Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 971 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 939 of 1468
REJ09B0412-0200
19.7.4
Receive Data Sampling Timing and Reception Margin
Only the internal clock generated by the on-chip baud rate generator can be used as a transfer
clock in smart card interface mode. In this mode, the SCI can operate on a base clock with a
frequency of 32, 64, 372, or 256 times the bit rate according to the BCP1 and BCP0 bit settings
(the frequency is always 16 times the bit rate in normal asynchronous mode). At reception, the
falling edge of the start bit is sampled using the base clock in order to perform internal
synchronization. Receive data is sampled on the 16th, 32nd, 186th and 128th rising edges of the
base clock so that it can be latched at the middle of each bit as shown in figure 19.28. The
reception margin here is determined by the following formula.
M = | (0.5 –
) – (L – 0.5) F –
(1
+ F ) | × 100%
2N
1
N
| D – 0.5 |
M: Reception margin (%)
N: Ratio of bit rate to clock (N = 32, 64, 372, 256)
D: Duty cycle of clock (D = 0 to 1.0)
L: Frame length (L = 10)
F: Absolute value of clock frequency deviation
[Legend]
Assuming values of F = 0, D = 0.5, and N = 372 in the above formula, the reception margin is
determined by the formula below.
M =
( 0.5 –
) × 100%
= 49.866%
2 × 372
1
Internal
basic clock
372 clock cycles
186 clock
cycles
Receive data
(RxD)
Synchronization
sampling timing
D0
D1
Data sampling
timing
185
371 0
371
185
0
0
Start bit
Figure 19.28 Receive Data Sampling Timing in Smart Card Interface Mode
(When Clock Frequency is 372 Times the Bit Rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com