Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 997 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 997 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 993Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 994Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 995Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 996Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 997Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 998Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 999Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1000Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1001Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 997 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 965 of 1468
REJ09B0412-0200
Section 20 USB Function Module (USB)
This LSI incorporates a USB function module (USB).
20.1
Features
• The UDC (USB device controller) conforming to USB2.0 and transceiver process USB
protocol automatically.
Automatic processing of USB standard commands for endpoint 0 (some commands and
class/vendor commands require decoding and processing by firmware)
• Transfer speed: Supports full-speed (12 Mbps)
• Endpoint configuration:
Endpoint
Name
Abbreviation Transfer Type
Maximum
Packet Size
FIFO Buffer
Capacity (Byte)
DMA Transfer
Endpoint 0
EP0s
Setup
8
8
—
EP0i
Control-in
8
8
—
EP0o
Control-out
8
8
—
Endpoint 1
EP1
Bulk-out
64
128
Possible
Endpoint 2
EP2
Bulk-in
64
128
Possible
Endpoint 3
EP3
Interrupt-in
8
8
—
Configuration1-Interface0-AlternateSetting0
EndPoint1
EndPoint2
EndPoint3
• Interrupt requests: Generates various interrupt signals necessary for USB
transmission/reception
• Power mode: Self power mode or bus power mode can be selected by the power mode bit
(PWMD) in the control register (CTLR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com