Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 98Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 99Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 100Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 101Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 102Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 103Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 104Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 105Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 1504 page
background image
Section 2 CPU
Rev. 2.00 Sep. 24, 2008 Page 70 of 1468
REJ09B0412-0200
Example 2:
MOV.B @ER0
+, @ER0+
When ER0 before execution is H'00001000, H'00001000 is read and the contents is written at
H'00001001.
After execution, ER0 is H'00001002.
2.8.6
Absolute Address—@aa:8, @aa:16, @aa:24, or @aa:32
The operand value is the contents of a memory location which is pointed to by an absolute address
included in the instruction code.
There are 8-bit (@aa:8), 16-bit (@aa:16), 24-bit (@aa:24), and 32-bit (@aa:32) absolute
addresses.
To access the data area, the absolute address of 8 bits (@aa:8), 16 bits (@aa:16), or 32 bits
(@aa:32) is used. For an 8-bit absolute address, the upper 24 bits are specified by SBR. For a 16-
bit absolute address, the upper 16 bits are sign-extended. A 32-bit absolute address can access the
entire address space.
To access the program area, the absolute address of 24 bits (@aa:24) or 32 bits (@aa:32) is used.
For a 24-bit absolute address, the upper 8 bits are all assumed to be 0 (H'00).
Table 2.13 shows the accessible absolute address ranges.
Table 2.13
Absolute Address Access Ranges
Absolute
Address
Normal
Mode
Middle
Mode
Advanced
Mode
Maximum
Mode
8 bits
(@aa:8)
A consecutive 256-byte area (the upper address is set in SBR)
16 bits
(@aa:16)
H'00000000 to H'00007FFF,
H'FFFF8000 to H'FFFFFFFF
Data area
32 bits
(@aa:32)
H'000000 to
H'007FFF,
H'FF8000 to
H'FFFFFF
H'00000000 to H'FFFFFFFF
24 bits
(@aa:24)
H'00000000 to H'00FFFFFF
Program area
32 bits
(@aa:32)
H'0000 to
H'FFFF
H'000000 to
H'FFFFFF
H'00000000 to
H'00FFFFFF
H'00000000 to
H'FFFFFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com