Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1028 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1028 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1024Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1025Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1026Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1027Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1028Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1029Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1030Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1031Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1032Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1028 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 996 of 1468
REJ09B0412-0200
20.3.26
Transceiver Test Register 0 (TRNTREG0)
TRNTREG0 controls the on-chip transceiver output signals. Setting the PTSTE bit to 1 specifies
the transceiver output signals (USD+ and USD-) arbitrarily. Table 20.4 shows the relationship
between TRNTREG0 setting and pin output.
Bit
Bit Name
Initial Value
R/W
7
PTSTE
0
R/W
6
0
R
5
0
R
4
0
R
3
SUSPEND
0
R/W
2
txenl
0
R/W
1
txse0
0
R/W
0
txdata
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
PTSTE
0
R/W
Pin Test Enable
Enables the test control for the on-chip transceiver
output pins (USD+ and USD-).
6 to 4
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
3
2
1
0
SUSPEND
txenl
txse0
txdata
0
0
0
0
R/W
R/W
R/W
R/W
On-Chip Transceiver Output Signal Setting
SUSPEND: Sets the (SUSPEND) signal of the on-chip
transceiver.
txenl:
Sets the output enable (txenl) signal of the
on-chip transceiver.
txse0:
Sets the Signal-ended 0 (txse0) signal of
the on-chip transceiver.
txdata:
Sets the (txdata) signal of the on-chip
transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com