Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1059 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1059 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1055Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1056Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1057Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1058Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1059Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1060Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1061Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1062Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1063Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1059 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 1027 of 1468
REJ09B0412-0200
20.8.3
DMA Transfer for Endpoint 2
When the transmit data at EP2 is transferred by the DMAC, the USB function module
automatically performs the same processing as writing 1 to the PKTE bit in TRG if the currently
selected FIFO (64 bytes) becomes full. Accordingly, to transfer data of a multiple of 64 bytes, the
user need not write 1 to the PKTE bit. To transfer data of less than 64 bytes, the user must write 1
to the PKTE bit using the DMA transfer end interrupt of the on-chip DMAC. If the user writes 1
to the PKTE bit when the maximum number of bytes (64 bytes) are transferred, correct operation
cannot be guaranteed.
Figure 20.23 shows an example for transmitting 150 bytes of data to the host. In this case, internal
processing which is the same as writing 1 to the PKTE bit in TRG is automatically performed
twice. This internal processing is performed when the currently selected data FIFO becomes full.
Accordingly, this processing is automatically performed only when 64-byte data is sent.
When the last 22 bytes are sent, the internal processing for writing 1 to the PKTE bit is not
performed, and the user must write 1 to the PKTE bit by software. In this case, the application has
no more data to transfer but the USB function module continues to output DMA requests for EP2
as long as the FIFO has an empty space. When all data has been transferred, write 0 to the
EP2DMAE bit in DMAR to cancel DMA requests for EP2.
PKTE
(Automatically
performed)
PKTE
(Automatically
performed)
PKTE is
not performed
Execute by DMA transfer
end interrupt (user)
64 bytes
64 bytes
22 bytes
Figure 20.23 PKTE Bit Operation for EP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com