Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1064 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1064 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1060Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1061Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1062Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1063Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1064Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1065Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1066Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1067Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1068Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1064 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 1032 of 1468
REJ09B0412-0200
20.10.7
Restrictions on Peripheral Module Clock (P
φ) Operating Frequency
Specify the peripheral module clock (P
φ) for the USB at 14 MHz or more. To set the USB
dedicated clock (cku) at 48 MHz, specify the peripheral module clock (P
φ) as shown in table 20.8.
Operation cannot be guaranteed if any frequency other than in the following table is specified.
Table 20.8
Selection of Peripheral Clock (P
φ) when USB is Connected
MD_CLK
EXTAL Input Clock
Frequency
USB Dedicated Clock
(cku: 48 MHz)
P
φ
0
12 MHz
EXTAL
× 4
EXTAL
× 2 (24 MHz)
EXTAL
× 1 (16 MHz)
1
16 MHz
EXTAL
× 3
EXTAL
× 2 (32 MHz)
20.10.8
Notes on Deep Software Standby Mode when USB is Used
1. Unlike software standby mode, deep standby software mode is canceled from the reset state.
For details, see section 28.8, Deep Software Standby Mode.
2. If the RAMCUT bit is set to 1 when the USB enters deep software standby mode, the register
states of the USB cannot be retained. When USB is used, set the RAMCUT bit to 1, and then,
make the USB enter deep software standby mode.
3. Set the USB module stop (MSTPC11) bit to 0 after canceling deep software standby mode.
4. If the DUSBIE bit is set to 0 when the USB enters deep software standby mode, software
standby mode cannot be canceled through USB RESUME interrupt. Set the DUSBIE bit to 1,
and then, make the USB enter deep software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com