Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 104Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 105Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 106Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 107Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 108Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 109Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 110Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 111Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1504 page
background image
Section 2 CPU
Rev. 2.00 Sep. 24, 2008 Page 76 of 1468
REJ09B0412-0200
2.9
Processing States
The H8SX CPU has five main processing states: the reset state, exception-handling state, program
execution state, bus-released state, and program stop state. Figure 2.16 indicates the state
transitions.
• Reset state
In this state the CPU and internal peripheral modules are all initialized and stopped. When the
RES input goes low, all current processing stops and the CPU enters the reset state. All
interrupts are masked in the reset state. Reset exception handling starts when the
RES signal
changes from low to high. For details, see section 6, Exception Handling.
The reset state can also be entered by a watchdog timer overflow when available.
• Exception-handling state
The exception-handling state is a transient state that occurs when the CPU alters the normal
processing flow due to activation of an exception source, such as, a reset, trace, interrupt, or
trap instruction. The CPU fetches a start address (vector) from the exception handling vector
table and branches to that address. For further details, see section 6, Exception Handling.
• Program execution state
In this state the CPU executes program instructions in sequence.
• Bus-released state
The bus-released state occurs when the bus has been released in response to a bus request from
a bus master other than the CPU. While the bus is released, the CPU halts operations.
• Program stop state
This is a power-down state in which the CPU stops operating. The program stop state occurs
when a SLEEP instruction is executed or the CPU enters hardware standby mode. For details,
see section 28, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com