Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1095 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1095 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1091Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1092Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1093Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1094Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1095Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1096Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1097Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1098Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1099Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1095 / 1504 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 2.00 Sep. 24, 2008 Page 1063 of 1468
REJ09B0412-0200
No
Yes
RDRF = 1?
No
Yes
RDRF = 1?
No
Yes
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
[9]
[10]
[1] Clear the AAS flag.*
[2] Set the acknowledge for the transmit device.*
[3] Dummy read ICDRR*
[4] Wait for 1 byte of data to be received*
[5] Detect (last reception -1)*
[6] Read the receive data.*
[7] Set the acknowledge for the last byte.*
[8] Read the receive data of (last byte -1).*
[9] Wait for the reception of the last byte to be completed.
[10] Read the last byte of receive data.
Slave receive mode
Clear AAS in ICSR
Set ACKBT = 0 in ICIER
Dummy read ICDRR
Read RDRF in ICSR
The last
reception -1?
Read ICDRR
Set ACKBT = 1 in ICIER
Read ICDRR
Read RDRF in ICSR
Read ICDRR
End
Note: * For one-byte reception, steps [2] to [6] do not need to be executed. After step [1], execute step [7].
In step [8], read ICDRR (dummy read).
Figure 21.17 Sample Flowchart for Slave Receive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com