Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1104 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1104 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1100Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1101Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1102Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1103Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1104Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1105Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1106Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1107Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1104 / 1504 page
background image
Section 22 A/D Converter
Rev. 2.00 Sep. 24, 2008 Page 1072 of 1468
REJ09B0412-0200
22.3.1
A/D Data Registers A to H (ADDRA to ADDRH)
There are eight 16-bit read-only ADDR registers, ADDRA to ADDRH, used to store the results of
A/D conversion. The ADDR registers, which store a conversion result for each channel, are shown
in table 22.2.
The converted 10-bit data is stored in bits 15 to 6. The lower 6-bit data is always read as 0.
The data bus between the CPU and the A/D converter has a 16-bit width. The data can be read
directly from the CPU. ADDR must not be accessed in 8-bit units and must be accessed in 16-bit
units.
15
0
R
14
0
R
13
0
R
12
0
R
11
0
R
10
0
R
9
0
R
8
0
R
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
2
0
R
1
0
R
0
0
R
Bit
Bit Name
Initial Value
R/W
Table 22.2
Analog Input Channels and Corresponding ADDR Registers
A/D Data Register Storing Conversion Result
Analog
Input
Channel
Unit 0
Unit 1*
2
AN0
ADDRA_0 (Unit 0)
AN1
ADDRB_0 (Unit 0)
AN2
ADDRC_0 (Unit 0)
AN3
ADDRD_0 (Unit 0)
AN4
ADDRE_0 (Unit 0)*
1
ADDRE_1 (Unit 1)*
1
AN5
ADDRF_0 (Unit 0)*
1
ADDRF_1 (Unit 1)*
1
AN6
ADDRG_0 (Unit 0)*
1
ADDRG_1 (Unit 1)*
1
AN7
ADDRH_0 (Unit 0)*
1
ADDRH_1 (Unit 1)*
1
Notes: 1. A/D conversion should be not performed on the same channel by multiple units.
2. The ADDRA_1 to ADDRD_1 registers for unit 1 are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com