Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1116 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1116 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1112Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1113Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1114Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1115Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1116Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1117Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1118Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1119Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1116 / 1504 page
background image
Section 22 A/D Converter
Rev. 2.00 Sep. 24, 2008 Page 1084 of 1468
REJ09B0412-0200
(2)
One-Cycle Scan Mode (only enabled in unit 1)
1. Set the ADSTCLR bit in ADCR to 1.
2. When the ADST bit in ADCSR is set to 1 by software, TMR (units 2 and 3), or an external
trigger input, A/D conversion starts on the first channel in the specified channel group.
Consecutive A/D conversion on a maximum of four channels (SCANE and SCANS = B'10)
can be selected. For unit 1, A/D conversion starts on AN4 when CH3 and CH2
= B’01.
3. When A/D conversion for each channel is completed, the A/D conversion result is sequentially
transferred to the corresponding ADDR of each channel.
4. When A/D conversion of all selected channels is completed, the ADF bit in ADCSR is set to 1.
If the ADIE bit is set to 1 at this time, an ADI interrupt request is generated.
5. The ADST bit is automatically cleared when A/D conversion is completed for all of the
channels that have been selected. A/D conversion stops and the A/D converter enters a wait
state.
A/D conversion result 1
A/D conversion result 2
A/D conversion result 3
A/D conversion time
A/D conversion one-cycle execution
ADST
ADF
ADDRE
ADDRF
ADDRG
ADDRH
Channel 4 (AN4)
operation state
Channel 5 (AN5)
operation state
Channel 6 (AN6)
operation state
Channel 7 (AN7)
operation state
Set *
Clear*
Waiting for conversion
Waiting for conversion
Waiting for conversion
Waiting for conversion
Waiting for conversion
Waiting for conversion
Transfer
Waiting for conversion
A/D conversion 1
A/D conversion 2
A/D conversion 3
Note:
↓ indicates the timing of instruction execution by software.
Figure 22.5 Example of A/D Conversion
(One-Cycle Scan Mode, Three Channels (AN4 to AN6) Selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com