Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1137 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1137 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1133Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1134Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1135Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1136Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1137Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1138Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1139Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1140Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1137 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1105 of 1468
REJ09B0412-0200
Section 25 Flash Memory
The flash memory has the following features. Figure 25.1 is a block diagram of the flash memory.
25.1
Features
• ROM size
Product Classification
ROM Size
ROM Address
H8SX/1663
R5F61663R
R5F61663M
384 Kbytes
H'000000 to H'05FFFF
(modes 1, 2, 3, 6, and 7)
H8SX/1664
R5F61664R
R5F61664M
512 Kbytes
H'000000 to H'07FFFF
(modes 1, 2, 3, 6, and 7)
H8SX/1668
R5F61668R
R5F61668M
1 Mbyte
H'000000 to H'0FFFFF
(modes 1, 2, 3, 6, and 7)
• Two memory MATs
The start addresses of two memory spaces (memory MATs) are allocated to the same address.
The mode setting in the initiation determines which memory MAT is initiated first. The
memory MATs can be switched by using the bank-switching method after initiation.
 User MAT initiated at a reset in user mode: 384 Kbytes/512 Kbytes/1 Mbyte
 User boot MAT is initiated at reset in user boot mode: 16 Kbytes
• Programming/erasing interface by the download of on-chip program
This LSI has a programming/erasing program. After downloading this program to the on-chip
RAM, programming/erasure can be performed by setting the parameters.
• Programming/erasing time
Programming time: 1 ms (typ.) for 128-byte simultaneous programming
Erasing time: 600 ms (typ.) per 1 block (64 Kbytes)
• Number of programming
The number of programming can be up to 100 times at the minimum. (1 to 100 times are
guaranteed.)
• Three on-board programming modes
SCI Boot mode: Using the on-chip SCI_4, the user MAT and user boot MAT can be
programmed/erased. In SCI boot mode, the bit rate between the host and this LSI can be
adjusted automatically.
USB boot mode: Using the on-chip USB, the user MAT can be programmed/erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com