Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1197 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1197 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1193Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1194Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1195Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1196Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1197Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1198Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1199Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1200Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1197 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1165 of 1468
REJ09B0412-0200
Table 25.11 Usable Area for Programming in User Boot Mode
Storable/Executable Area
Selected MAT
Item
On-Chip
RAM
User Boot
MAT
User
MAT
User
Boot
MAT
Embedded
Program
Storage MAT
Storage area for program data
O
×*1
Operation for selecting on-chip
program to be downloaded
O
O
O
Operation for writing H'A5 to FKEY
O
O
O
Execution of writing 1 to SCO bit in
FCCS (download)
O
×
O
Operation for clearing FKEY
O
O
O
Decision of download result
O
O
O
Operation for download error
O
O
O
Operation for setting initialization
parameter
O
O
O
Execution of initialization
O
×
O
Decision of initialization result
O
O
O
Operation for initialization error
O
O
O
NMI handling routine
O
×
O
Operation for disabling interrupts
O
O
O
Switching memory MATs by FMATS O
×
O
Operation for writing H'5A to FKEY
O
×
O
Operation for setting programming
parameter
O
×
O
Execution of programming
O
×
O
Decision of programming result
O
×
O
Operation for programming error
O
×*2
O
Operation for clearing FKEY
O
×
O
Switching memory MATs by FMATS O
×
O
Notes: 1. Transferring the program data to the on-chip RAM beforehand enables this area to be
used.
2. Switching memory MATs by FMATS by a program in the on-chip RAM enables this
area to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com