Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1205 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1205 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1201Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1202Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1203Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1204Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1205Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1206Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1207Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1208Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1205 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1173 of 1468
REJ09B0412-0200
25.11
Switching between User MAT and User Boot MAT
It is possible to switch between the user MAT and user boot MAT. However, the following
procedure is required because the start addresses of these MATs are allocated to the same address.
Switching to the user boot MAT disables programming and erasing. Programming of the user boot
MAT should take place in boot mode or programmer mode.
1. Memory MAT switching by FMATS should always be executed from the on-chip RAM.
2. When accessing the memory MAT immediately after switching the memory MATs by
FMATS from the on-chip RAM, similarly execute the NOP instruction in the on-chip RAM
for eight times (this prevents access to the flash memory during memory MAT switching).
3. If an interrupt request has occurred during memory MAT switching, there is no guarantee of
which memory MAT is accessed. Always mask the maskable interrupts before switching
memory MATs. In addition, configure the system so that NMI interrupts do not occur during
memory MAT switching.
4. After the memory MATs have been switched, take care because the interrupt vector table will
also have been switched. If interrupt processing is to be the same before and after memory
MAT switching, transfer the interrupt processing routines to the on-chip RAM and specify
VBR to place the interrupt vector table in the on-chip RAM.
5. The size of the user MAT is different from that of the user boot MAT. Addresses which exceed
the size of the 16-Kbyte user boot MAT should not be accessed. If an attempt is made, data is
read as an undefined value.
<User MAT>
<On-chip RAM>
<User boot MAT>
Procedure for switching to the user boot MAT
1.
Inhibit interrupts (mask).
2.
Write H'AA to FMATS.
3.
Before access to the user boot MAT, execute the NOP instruction for eight times.
Procedure for switching to the user MAT
1.
Inhibit interrupts (mask).
2.
Write other than H'AA to FMATS.
3.
Before access to the user MAT, execute the NOP instruction for eight times.
Procedure for
switching to
user boot MAT
Procedure for
switching to
user MAT
Figure 25.22 Switching between User MAT and User Boot MAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com