Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1221 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1221 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1217Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1218Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1219Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1220Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1221Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1222Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1223Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1224Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1221 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1189 of 1468
REJ09B0412-0200
(5)
Transition to Programming/Erasing State
The boot program will transfer the erasing program, and erase the user MATs and user boot MATs
in that order. On completion of this erasure, ACK will be returned and will enter the
programming/erasing state.
The host should select the device code, clock mode, and new bit rate with device selection, clock-
mode selection, and new bit-rate selection commands, and then send the command for the
transition to programming/erasing state. These procedures should be carried out before sending of
the programming selection command or program data.
Command
H'40
• Command, H'40, (one byte): Transition to programming/erasing state
Response
H'06
• Response, H'06, (one byte): Response to transition to programming/erasing state
The boot program will send ACK when the user MAT and user boot MAT have been erased
by the transferred erasing program.
Error Response
H'C0
H'51
• Error response, H'C0, (one byte): Error response for user boot MAT blank check
• Error code, H'51, (one byte): Erasing error
An error occurred and erasure was not completed.
(6)
Command Error
A command error will occur when a command is undefined, the order of commands is incorrect,
or a command is unacceptable. Issuing a clock-mode selection command before a device selection
or an inquiry command after the transition to programming/erasing state command, are examples.
Error Response
H'80
H'xx
• Error response, H'80, (one byte): Command error
• Command, H'xx, (one byte): Received command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com