Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1231 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1231 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1227Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1228Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1229Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1230Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1231Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1232Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1233Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1234Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1231 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1199 of 1468
REJ09B0412-0200
(g)
User Boot MAT Sum Check
The boot program will return the byte-by-byte total of the contents of the bytes of the user-boot
program, as a four-byte value.
Command
H'4A
• Command, H'4A, (one byte): Sum check for user-boot program
Response
H'5A
Size
Checksum of user boot program
SUM
• Response, H'5A, (one byte): Response to the sum check of user-boot program
• Size (one byte): The number of bytes that represents the checksum
This is fixed to 4.
• Checksum of user boot program (four bytes): Checksum of user boot MATs
The total of the data is obtained in byte units.
• SUM (one byte): Sum check for data being transmitted
(h)
User MAT Sum Check
The boot program will return the byte-by-byte total of the contents of the bytes of the user
program.
Command
H'4B
• Command, H'4B, (one byte): Sum check for user program
Response
H'5B
Size
Checksum of user program
SUM
• Response, H'5B, (one byte): Response to the sum check of the user program
• Size (one byte): The number of bytes that represents the checksum
This is fixed to 4.
• Checksum of user boot program (four bytes): Checksum of user MATs
The total of the data is obtained in byte units.
• SUM (one byte): Sum check for data being transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com