Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1236 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1236 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1232Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1233Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1234Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1235Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1236Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1237Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1238Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1239Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1236 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1204 of 1468
REJ09B0412-0200
12. A programming/erasing program for the flash memory used in a conventional F-ZTAT H8,
H8S microcomputer which does not support download of the on-chip program by setting the
SCO bit in FCCS to 1 cannot run in this LSI. Be sure to download the on-chip program to
execute programming/erasure of the flash memory in this F-ZTAT H8SX microcomputer.
13. Unlike a conventional F-ZTAT H8 or H8S microcomputers, measures against a program crash
are not taken by WDT while programming/erasing and downloading a programming/erasing
program. When needed, measures should be taken by user. A periodic interrupt generated by
the WDT can be used as the measures, as an example. In this case, the interrupt generation
period should take into consideration time to program/erase the flash memory.
14. When downloading the programming/erasing program, do not clear the SCO bit in FCCS to 0
immediately after setting it to 1. Otherwise, download cannot be performed normally.
Immediately after executing the instruction to set the SCO bit to 1, dummy read of the FCCS
must be executed twice.
15. The contents of general registers ER0 and ER1 are not saved during download of an on-chip
program, initialization, programming, or erasure. When needed, save the general registers
before a download request or before execution of initialization, programming, or erasure using
the procedure program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com