Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 123Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 124Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 125Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 126Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 127Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 128Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 129Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 130Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 1504 page
background image
Section 4 Resets
Rev. 2.00 Sep. 24, 2008 Page 95 of 1468
REJ09B0412-0200
Section 4 Resets
4.1
Types of Resets
There are three types of resets: a pin reset, power-on reset*, voltage-monitoring reset*, deep
software standby reset, and watchdog timer reset. Table 4.1 shows the reset names and sources.
The internal state and pins are initialized by a reset. Figure 4.1 shows the reset targets to be
initialized.
When using power-on reset* and voltage monitoring reset*,
RES pin must be fixed high.
Table 4.1
Reset Names And Sources
Reset Name
Source
Pin reset
Voltage input to the
RES pin is driven low.
Power-on reset*
Vcc rises or lowers
Voltage-monitoring reset*
Vcc falls (voltage detection: Vdet)
Deep software standby reset
Deep software standby mode is canceled by an
interrupt.
Watchdog timer reset
The watchdog timer overflows.
Note:
*
Supported only by the H8SX/1668M Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com