Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 128Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 129Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 130Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 131Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 132Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 133Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 134Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 135Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 1504 page
background image
Section 4 Resets
Rev. 2.00 Sep. 24, 2008 Page 100 of 1468
REJ09B0412-0200
4.3.2
Reset Control/Status Register (RSTCSR)
RSTCSR controls an internal reset signal generated by the watchdog timer and selects the internal
reset signal type. RSTCSR is initialized to H’1F by a pin reset or a deep software standby reset,
but not by the internal reset signal generated by a WDT overflow.
Bit
Bit name
Initial value:
R/W:
7
WOVF
0
R/(W)*
6
RSTE
0
R/W
5
0
R/W
4
1
R
3
1
R
2
1
R
1
1
R
0
1
R
Note: * Only 0 can be written to clear the flag.
Bit
Bit Name
Initial
Value
R/W
Description
7
WOVF
0
R/(W)*
Watchdog Timer Overflow Flag
This bit is set when TCNT overflows in watchdog timer mode,
but not set in interval timer mode. Only 0 can be written to.
[Setting condition]
When TCNT overflows (H’FF
→ H’00) in watchdog timer
mode.
[Clearing condition]
When this bit is read as 1 and then written by 0.
6
RSTE
0
R/W
Reset Enable
Selects whether or not the LSI internal state is reset by a
TCNT overflow in watchdog timer mode.
0: Internal state is not reset when TCNT overflows. (Although
this LSI internal state is not reset, TCNT and TCSR of the
WDT are reset.)
1: Internal state is reset when TCNT overflows.
5
0
R/W
Reserved
Although this bit is readable/writable, operation is not affected
by this bit.
4 to 0
1
R
Reserved
These are read-only bits but cannot be modified.
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com