Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1394 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1394 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1390Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1391Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1392Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1393Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1394Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1395Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1396Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1397Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1398Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1394 / 1504 page
background image
Section 30 Electrical Characteristics
Rev. 2.00 Sep. 24, 2008 Page 1362 of 1468
REJ09B0412-0200
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
During A/D and D/A conversion
0.5
1.0
mA
Reference
power supply
current
Standby for A/D and D/A
conversion
AI
CC
0.5
1.0
µA
RAM standby voltage
V
RAM
2.5
V
Vcc start voltage*
6
V
ccSTART 
0.8
V
Vcc rising gradient*
6
SV
CC
20
ms/V
Notes: 1. When the A/D and D/A converters are not used, the AV
CC, Vref, and AVSS pins should not
be open. Connect the AV
CC and Vref pins to VCC, and the AVSS pin to VSS.
2. Current consumption values are for V
IHmin = Vcc − 0.5 V and VILmax = 0.5 V with all
output pins unloaded and all input pull-up MOS in the off state.
3. The values are for V
RAM ≤ VCC < 3.0 V, VIHmin = VCC × 0.9, and VILmax = 0.3 V.
4. I
CC depends on f as follows:
I
CCmax = 30 (mA) + 1.1 (mA/MHz) × f (normal operation)
I
CCmax = 35 (mA) + 0.5 (mA/MHz) × f (sleep mode)
5. The values are for reference.
6.
This can be applied at power-on.
7.
The value when TM 32K halted.
Table 30.3
Permissible Output Currents
Conditions: V
CC = PLLVCC = DrVCC = 30 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC,
V
SS = PLLVSS = DrVSS = AVSS = 0 V*, Ta = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Typ.
Max.
Unit
Permissible output low
current (per pin)
Output pins except
port 3
I
OL
2.0
mA
Permissible output low
current (per pin)
Port 3
I
OL
10
mA
Permissible output low
current (total)
Total of all output
pins
ΣI
OL
80
mA
Permissible output high
current (per pin)
All output pins
–I
OH
2.0
mA
Permissible output high
current (total)
Total of all output
pins
Σ–I
OH
40
mA
Caution:
To protect the LSI's reliability, do not exceed the output current values in table 30.3.
Note:
*
When the A/D and D/A converters are not used, the AV
CC, Vref, and AVSS pins should not
be open. Connect the AV
CC and Vref pins to VCC, and the AVSS pin to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com