Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1400 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1400 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1396Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1397Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1398Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1399Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1400Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1401Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1402Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1403Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1404Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1400 / 1504 page
background image
Section 30 Electrical Characteristics
Rev. 2.00 Sep. 24, 2008 Page 1368 of 1468
REJ09B0412-0200
Item
Symbol
Min.
Max.
Unit.
Test Conditions
External clock output delay settling
time
t
DEXT
1
ms
Figure 30.4
External clock input low pulse width
t
EXL
27.7
ns
External clock input high pulse width
t
EXH
27.7
ns
External clock rising time
t
EXr
5
ns
External clock falling time
t
EXf
5
ns
Subclock oscillation settling time
t
OSC3
2
s
Subclock oscillator oscillation
frequency
f
SUB
32.768
32.768
kHz
Subclock cycle time
t
SUB
30.5
30.5
µs
Figure 30.5
Note:
*
V
CC = PLLVCC = DrVCC = 2.95 V to 3.60 V in the H8SX/1668M Group.
tcyc
B
φ
tCH
tCf
tCL
tCr
Figure 30.2 External Bus Clock Timing
Oscillator
Software standby mode
(power-down mode)
Oscillation
settling time
tOSC2
I
φ
NMI
NMI exception
handling
NMIEG = 1
SSBY = 1
NMI exception handling
SLEEP
instruction
NMIEG
SSBY
Figure 30.3 Oscillation Settling Timing after Software Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com