Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1405 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1405 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1401Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1402Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1403Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1404Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1405Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1406Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1407Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1408Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1405 / 1504 page
background image
Section 30 Electrical Characteristics
Rev. 2.00 Sep. 24, 2008 Page 1373 of 1468
REJ09B0412-0200
Table 30.8
Bus Timing (2)
Conditions: V
CC = PLLVCC = DrVCC = 3.0 V to 3.6 V*, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to
AV
CC, VSS = PLLVSS = DrVSS = AVSS = 0 V, Bφ = 8 MHz to 50 MHz,
T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Max.
Unit
Test
Conditions
WR delay time 1
t
WRD1
15
ns
WR delay time 2
t
WRD2
15
ns
WR pulse width 1
t
WSW1
1.0
× t
cyc – 13
ns
WR pulse width 2
t
WSW2
1.5
× t
cyc – 13
ns
Write data delay time
t
WDD
20
ns
Write data setup time 1
t
WDS1
0.5
× t
cyc – 13
ns
Write data setup time 2
t
WDS2
1.0
× t
cyc – 13
ns
Write data setup time 3
t
WDS3
1.5
× t
cyc – 13
ns
Write data hold time 1
t
WDH1
0.5
× t
cyc – 8
ns
Write data hold time 3
t
WDH3
1.5
× t
cyc – 8
ns
Figures 30.8 to
30.36
Byte control delay time
t
UBD
15
ns
Figures 30.13,
30.14
Byte control pulse width 1
t
UBW1
1.0
× t
cyc – 15
ns
Figure 30.13
Byte control pulse width 2
t
UBW2
2.0
× t
cyc – 15
ns
Figure 30.14
Multiplexed address delay time 1
t
MAD1
15
ns
Multiplexed address hold time
t
MAH
1.0
× t
cyc – 15
ns
Multiplexed address setup time 1
t
MAS1
0.5
× t
cyc – 15
ns
Multiplexed address setup time 2
t
MAS2
1.5
× t
cyc – 15
ns
Address hold delay time
t
AHD
15
ns
Address hold pulse width 1
t
AHW1
1.0
× t
cyc – 15
ns
Address hold pulse width 2
t
AHW2
2.0
× t
cyc – 15
ns
Figures 30.17,
30.18
WAIT setup time
t
WTS
15
ns
WAIT hold time
t
WTH
5.0
ns
Figures 30.10,
30.18
BREQ setup time
t
BREQS
20
ns
BACK delay time
t
BACD
15
ns
Bus floating time
t
BZD
30
ns
Figure 30.35
BREQO delay time
t
BRQOD
15
ns
Figure 30.36
BS delay time
t
BSD
1.0
15
ns
RD/
WR delay time
t
RWD
15
ns
Figures 30.8,
30.9, 30.11 to
30.14
Note:
*
V
CC=PLLVCC=DrVCC2.95 V to 3.6 V in the H8SX/1668M Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com