Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1485 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1485 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1481Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1482Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1483Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1484Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1485Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1486Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1487Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1488Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1485 / 1504 page
background image
Main Revisions and Additions in this Edition
Rev. 2.00 Sep. 24, 2008 Page 1453 of 1468
REJ09B0412-0200
Item
Page
Revision (See Manual for Details)
Amended
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Normal operation
50
85
mA
f = 50 MHz
Sleep mode
48
60
2
7
µA
T
a ≤ 50°C
Current
consumptio
n*
2
Standby
mode
Hardware
standby mode
I
CC*
4
25
50°C < T
a
Section 30 Electrical
Characteristics
1361
30.4.3 Bus Timing
Figure 30.29 Synchronous
DRAM Basic Read Access
Timing (CAS Latency 2)
Figure 30.30 Synchronous
DRAM Basic Write Access
Timing (CAS Latency 2)
1395,
1396
Amended
Positions of dotted lines have been corrected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com