Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1491 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1491 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1487Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1488Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1489Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1490Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1491Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1492Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1493Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1494Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1495Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1491 / 1504 page
background image
Main Revisions and Additions in this Edition
Rev. 2.00 Sep. 24, 2008 Page 1459 of 1468
REJ09B0412-0200
Item
Page
Revision (See Manual for Details)
29.2 Register Bits
1330
Added
Register
Abbreviati
on
Bit
31/23/1
5/7
Bit
30/22/1
4/6
Bit
29/21/1
3/5
Bit
28/20/1
2/4
Bit
27/19/1
1/3
Bit
26/18/1
0/2
Bit
25/17/9/
1
Bit
24/16/8/
0
Module
LVDCR*
3
LVDE
LVDRI
LVDMO
N
SYSTE
M
Added due to the addition of the LVD.
29.3 Register States in Each
Operating Mode
1351
Added
Register
Abbreviation Reset
Module
Stop
State
Slee
p
All-
Module-
Clock-
Stop
Softwar
e
Standb
y
Deep
Software
Standby
Hardwar
e
Standby
Module
LVDCR*
3
Initialize
d*
4
Initialized
SYSTEM
Added due to the addition of the LVD.
Section 30 Electrical
Characteristics
30.3 DC Characteristics,
H8SX/1668M Group
1363
Added
Replaced due to the addition of the H8SX/1668M Group.
30.4.AC Characteristics
Figure 30.1 Output Load
Circuit
1367
Added
Note is added due to the addition of the H8SX/1668M
Group.
30.4.1 Clock Timing
1367,
1368
Added
Conditions and the note on Table 30.6 Clock Timing are
added due to the addition of the H8SX/1668M Group.
30.4.2 Control Signal Timing
1370
Added
Conditions and the note on Table 30.7 Control Signal
Timing are added due to the addition of the H8SX/1668M
Group.
30.4.3 Bus Timing
1371,
1372
Added
Conditions and the note on Table 30.8 Bus Timing (1) to (4)
are added due to the addition of the H8SX/1668M Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com