Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 148Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 149Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 150Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 151Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 152Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 153Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 154Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 155Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 1504 page
background image
Section 6 Exception Handling
Rev. 2.00 Sep. 24, 2008 Page 120 of 1468
REJ09B0412-0200
6.5
Address Error
6.5.1
Address Error Source
Instruction fetch, stack operation, or data read/write shown in table 6.5 may cause an address
error.
Table 6.5
Bus Cycle and Address Error
Bus Cycle
Type
Bus Master
Description
Address Error
Fetches instructions from even addresses
No (normal)
Fetches instructions from odd addresses
Occurs
Fetches instructions from areas other than on-chip
peripheral module space*
1
No (normal)
Fetches instructions from on-chip peripheral
module space*
1
Occurs
Fetches instructions from external memory space
in single-chip mode
Occurs
Instruction
fetch
CPU
Fetches instructions from access prohibited
area.*
2
Occurs
Accesses stack when the stack pointer value is
even address
No (normal)
Stack
operation
CPU
Accesses stack when the stack pointer value is
odd address
Occurs
Accesses word data from even addresses
No (normal)
Accesses word data from odd addresses
No (normal)
Accesses external memory space in single-chip
mode
Occurs
Data read/write CPU
Accesses to access prohibited area*
2
Occurs
Accesses word data from even addresses
No (normal)
Accesses word data from odd addresses
No (normal)
Accesses external memory space in single-chip
mode
Occurs
Data read/write DTC or
DMAC
Accesses to access prohibited area*
2
Occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com