Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 153Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 154Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 155Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 156Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 157Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 158Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 159Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 160Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 1504 page
background image
Section 6 Exception Handling
Rev. 2.00 Sep. 24, 2008 Page 125 of 1468
REJ09B0412-0200
6.7.2
Sleep Instruction Exception Handling
The sleep instruction exception handling starts when a sleep instruction is executed with the SSBY
bit in SBYCR set to 0 and the SLPIE bit in SBYCR set to 1. The sleep instruction exception
handling can always be executed in the program execution state. In the exception handling, the
CPU operates as follows.
1. The contents of PC, CCR, and EXR are saved in the stack.
2. The interrupt mask bit is updated and the T bit is cleared to 0.
3. An exception handling vector table address corresponding to the vector number specified in
the SLEEP instruction is generated, the start address of the exception service routine is loaded
from the vector table to PC, and program execution starts from that address.
Bus masters other than the CPU may gain the bus mastership after a sleep instruction has been
executed. In such cases the sleep instruction will be started when the transactions of a bus master
other than the CPU has been completed and the CPU has gained the bus mastership.
Table 6.9 shows the state of CCR and EXR after execution of sleep instruction exception
handling. For details, see section 28.10, Sleep Instruction Exception Handling.
Table 6.9
Status of CCR and EXR after Sleep Instruction Exception Handling
CCR
EXR
Interrupt Control Mode
I
UI
T
I2 to I0
0
1
2
1
0
7
[Legend]
1:
Set to 1
0:
Cleared to 0
:
Retains the previous value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com