Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 163Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 164Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 165Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 166Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 167Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 168Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 169Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 170Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 1504 page
background image
Section 7 Interrupt Controller
Rev. 2.00 Sep. 24, 2008 Page 135 of 1468
REJ09B0412-0200
7.3.3
Interrupt Priority Registers A to O, Q, and R
(IPRA to IPRO, IPRQ, and IPRR)
IPR sets priory (levels 7 to 0) for interrupts other than NMI.
Setting a value in the range from B'000 to B'111 in the 3-bit groups of bits 14 to 12, 10 to 8, 6 to 4,
and 2 to 0 assigns a priority level to the corresponding interrupt. For the correspondence between
the interrupt sources and the IPR settings, see table 7.2.
Bit
Bit Name
Initial Value
R/W
15
0
R
14
IPR14
1
R/W
13
IPR13
1
R/W
12
IPR12
1
R/W
11
0
R
10
IPR10
1
R/W
9
IPR9
1
R/W
8
IPR8
1
R/W
Bit
Bit Name
Initial Value
R/W
7
0
R
6
IPR6
1
R/W
5
IPR5
1
R/W
4
IPR4
1
R/W
3
0
R
2
IPR2
1
R/W
1
IPR1
1
R/W
0
IPR0
1
R/W
Bit
Bit Name
Initial
Value
R/W
Description
15
0
R
Reserved
This is a read-only bit and cannot be modified.
14
13
12
IPR14
IPR13
IPR12
1
1
1
R/W
R/W
R/W
Sets the priority level of the corresponding interrupt
source.
000: Priority level 0 (lowest)
001: Priority level 1
010: Priority level 2
011: Priority level 3
100: Priority level 4
101: Priority level 5
110: Priority level 6
111: Priority level 7 (highest)
11
0
R
Reserved
This is a read-only bit and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com